Part Number Hot Search : 
2SK16 EMI4172 ISL28207 SR260 1N2981D E002705 P20N10 T5118
Product Description
Full Text Search
 

To Download APT30M40JVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT30M40JVR
300V 70A 0.040
S G D S
POWER MOS V (R)
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
SO
ISOTOP (R)
2 T-
27
"UL Recognized"
* Faster Switching * Lower Leakage
* 100% Avalanche Tested * Popular SOT-227 Package
G
D
S
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
All Ratings: TC = 25C unless otherwise specified.
APT30M40JVR UNIT Volts Amps
300 70 280 30 40 450 3.6 -55 to 150 300 70 50
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
2500
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, I D = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
300 70 0.040 25 250 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5552 Rev C
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT30M40JVR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 0.6 MIN TYP MAX UNIT
8500 1500 390 285 56 120 16 20 48 4
10200 2100 585 425 85 180 32 40 72 8
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
70 280 1.3 530 11.5
(Body Diode) (VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s)
THERMAL / PACKAGE CHARACTERISTICS
Symbol RJC RJA VIsolation Torque Characteristic Junction to Case Junction to Ambient RMS Voltage (50-60 Hz Sinusoidal Waveform From Terminals to Mounting Base for 1 Min.) Maximum Torque for Device Mounting Screws and Electrical Terminations. MIN TYP MAX UNIT C/W Volts
0.28 40 2500 13
lb*in
1 Repetitive Rating: Pulse width limited by maximum junction
temperature.
2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 1.02mH, R = 25, Peak I = 70A j G L
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.3 , THERMAL IMPEDANCE (C/W) D=0.5 0.1 0.2 0.05 0.1 0.05
PDM
0.01 0.005
Note: 0.02 0.01 SINGLE PULSE
t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC t1
050-5552 Rev C
Z 0.001 10-5
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT30M40JVR
150 ID, DRAIN CURRENT (AMPERES) VGS=6.5V, 7V, 10V & 15V ID, DRAIN CURRENT (AMPERES) 6V 150 VGS=15V 120 VGS=10V VGS=6.5V & 7V 6V
120
90 5.5V 60 5V 30 4.5V 4V 0 0 30 60 90 120 150 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
90 5.5V 60 5V 30 4.5V 4V 0 1 2 3 4 5 6 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 0
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
150 ID, DRAIN CURRENT (AMPERES)
TJ = -55C TJ = +25C TJ = +125C
1.3
V
GS
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
120
1.2
90
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
1.1
VGS=10V
60 TJ = +125C TJ = +25C 0 TJ = -55C
1.0
VGS=20V
30
0.9
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 80 ID, DRAIN CURRENT (AMPERES)
0.8
0
40 80 120 160 200 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) 25
I = 0.5 I [Cont.]
D D
1.20
1.15 1.10 1.05 1.00 0.95 0.90
60
40
20
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5
V
0
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2 VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
-50
GS
= 10V
2.0
1.1 1.0 0.9 0.8 0.7 050-5552 Rev C
1.5
1.0
0.5
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.6
-50
APT30M40JVR
400 ID, DRAIN CURRENT (AMPERES)
OPERATION HERE LIMITED BY RDS (ON)
10S 100S
30,000
100 50
10,000 C, CAPACITANCE (pF) 1mS 5,000
Ciss
Coss
10 5
10mS 100mS DC
1,000 500
Crss
1 .5
TC =+25C TJ =+150C SINGLE PULSE
.1
1 5 10 50 100 300 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
.01 .1 1 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 400 TJ =+150C 100 50 TJ =+25C
100
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20 VDS=60V VDS=150V
16
12 VDS=240V 8
10 5
4
100 200 300 400 500 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 0.4 0.8 1.2 1.6 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source
050-5552 Rev C
Gate
Dimensions in Millimeters and (Inches)
ISOTOP(R) is a Registered Trademark of SGS Thomson. APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095
"UL Recognized" File No. E145592
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT30M40JVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X